Part Number Hot Search : 
SAB0600 Z5226B SSM2161S TD4100 SMLG17 3DD1300 B82143A TL494CN
Product Description
Full Text Search
 

To Download 2SB1490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1490
DESCRIPTION *With TO-3PL package *Complement to type 2SD2250 *High DC current gain *Low collector saturation voltage *DARLINGTON APPLICATIONS *For power amplification *Optimum for HiFi output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PL) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3.5 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE -160 -140 -5 -7 -12 90 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-30mA ;IB=0 IC=-6A ;IB=-6mA IC=-6A ;IB=-6mA VCB=-160V; IE=0 VCE=-140V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-0.5A ; VCE=-10V;f=1MHz 2000 5000 MIN -140
2SB1490
SYMBOL V(BR)CEO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
-2.5 -3.0 -100 -100 -100
V V A A A
30000 20 MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-6A ;IB1=-IB2=-6mA VCC=-50V 1.0 1.5 1.2 s s s
hFE-2 classifications Q 5000-150000 P 8000-30000
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1490
Fig.2 Outline dimensions (unindicated tolerance:0.50 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X